this document was generated on 06/02/2010 please check www.molex.com for latest part information part number: 5031492000 status: active overview: clikmate_wiretoboard_connectors description: 1.50mm (.059") pitch clik-mate? wire-to-board housing, dual row, positive lock, 20 circuits documents: 3d model product specification ps-503154-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-503148-001 (pdf) general product family crimp housings series 503149 overview clikmate_wiretoboard_connectors product name clik-mate? physical circuits (maximum) 20 color - resin beige gender plug glow-wire compliant no keying to mating part yes lock to mating part yes number of rows 2 packaging type bag panel mount no pitch - mating interface (in) 0.059 in pitch - mating interface (mm) 1.50 mm polarized to mating part yes stackable no temperature range - operating -25c to +85c electrical current - maximum per contact 2a material info reference - drawing numbers application specification as-503149-001 packaging specification spk-503149-001 product specification ps-503148-001, ps-503154-001, rps-503148-001, rps-503154-001, rps-503154-002, rps-503154-003, rps-503154-004, rps-503154-005, rps-503154-007 sales drawing SD-503149-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 503149 series mates with 503154 pcb receptacle use with 502579 crimp terminal this document was generated on 06/02/2010 please check www.molex.com for latest part information
|